Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 75 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 75 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 75
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
2.11.24 Register (0x5A-0x5E) INT_LOWHIGH
ADDRESS 0x5A (5 bytes)
RESET see definition
MODE see definition
DESCRIPTION The register contains the configuration for the low g interrupt.
DEFINITION
Register (0x5A-0x5E) INT_LOWHIGH[0] contains the delay time definition for the low-g interrupt.
Name
Register (0x5A-0x5E) INT_LOWHIGH [0]
Bit
7
6
5
4
Read/Write
W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
int_low_dur<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
1
1
1
Content
int_low_dur<3:0>
int_low_dur<7:0>: low-g interrupt trigger delay according to [int_low_dur<7:0> + 1] • 2.5 ms in a
range from 2.5 ms to 640 ms; the default corresponds to a delay of 20 ms. If
Register (0x58-0x59) INT_DATA configures that this interrupt uses pre-filtered
data, the sensor must not be in low power mode.
Register (0x5A-0x5E) INT_LOWHIGH[1] contains the threshold definition for the low-g interrupt.
Name
Register (0x5A-0x5E) INT_LOWHIGH [1]
Bit
7
6
5
4
Read/Write
W
R/W
R/W
R/W
Reset Value 0
0
1
1
Content
int_low_th<7:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
0
Content
int_low_th<3:0>
int_low_th<7:0>: low-g interrupt trigger threshold according to Val(int_low_th<7:0>) • 7.81 mg
for Val(int_low_th<7:0>)>0 and 3.91 mg for Val(int_low_th<7:0>)= 0. The
range of the threshold is from 3.91 mg to 2.000 g; the default value
corresponds to an acceleration of 375 mg
Register (0x5A-0x5E) INT_LOWHIGH[2] contains the low-g interrupt mode selection, the low-g
interrupt hysteresis setting, and the high-g interrupt hysteresis setting.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn