Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 8 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 8
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
Accel full operation mode,
gyro and mag in suspend
180
Gyro, accel and mag
in suspend mode, TA=25°C
4
Significant motion detector,
accel in low power mode
@50Hz, gyro and mag in
suspend
30
Step detector, accel in low
power mode @50Hz, gyro
and mag in suspend
30
1.2 Electrical and Physical Characteristics, Measurement Performance
Table 2: Electrical characteristics accelerometer
OPERATING CONDITIONS ACCELEROMETER
Parameter
Symbol
Condition
Min
Typ
Max
Units
Acceleration Range
gFS2g
Selectable
via serial digital
interface
±2
g
gFS4g
±4
g
gFS8g
±8
g
gFS16g
±16
g
Start-up Time
tA,su
Suspend/low power
mode to normal
mode, ODR=1.6kHz
3.2
ms
OUTPUT SIGNAL ACCELEROMETER
Parameter
Symbol
Condition
Min
Typ
Max
Units
Resolution
16
bit
Sensitivity
S2g
gFS2g, TA=25°C
15729
16384
17039
LSB/g
S4g
gFS4g, TA=25°C
7864
8192
8520
LSB/g
S8g
gFS8g, TA=25°C
3932
4096
4260
LSB/g
S16g
gFS16g, TA=25°C
1966
2048
2130
LSB/g
Sensitivity
Temperature Drift
TCSA
gFS8g,
Nominal VDD supplies
best fit straight line
±0.03
%/K
Sensitivity Change
over Supply
Voltage
SA,VDD
T
A
=25°C,
VDD,min ≤ VDD ≤ VDD,max
best fit straight line
0.01
%/V
Zero-g Offset
OffA, init
gFS8g, TA=25°C, nominal
VDD supplies, component
level
±25
mg
OffA,board
gFS8g, TA=25°C, nominal
VDD supplies, soldered,
board level
±40
mg


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn