Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 82 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 82 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 82
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
Register (0x67-0x68) INT_FLAT[0] contains the definition of the flat threshold angle for the flat
interrupt.
Name
Register (0x67-0x68) INT_FLAT[0]
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset Value n/a
n/a
0
0
Content
reserved
int_flat_theta<5:4>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 1
0
0
0
Content
int_flat_theta<3:0>
reserved:
write “0”
int_flat_theta<5:0>: defines threshold for detection of flat position in range from 0° to 44.8°.
Register (0x67-0x68) INT_FLAT[1] contains the definition of the flat interrupt hold time and flat
interrupt hysteresis.
Name
Register (0x67-0x68) INT_FLAT [1]
Bit
7
6
5
4
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
1
Content
reserved
int_flat_hold_time<1:0>
Bit
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
Reset Value 0
0
0
1
Content
reserved
int_flat_hy<3:0>
reserved:
write “0”
int_flat_hold_time<1:0>: delay time for which the flat value must remain stable for the flat
interrupt to be generated: ”0b00”  0 ms, ”0b01”  640 ms, ”0b10” 
1280 ms, ”0b11”  2560 ms
int_flat_hy<2:0>:
defines flat interrupt hysteresis
2.11.29 Register (0x69) FOC_CONF
ADDRESS 0x69
RESET 0b00000000
MODE RW
DESCRIPTION The register contains configuration settings for the fast offset compensation for
the accelerometer and the gyroscope.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn