Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 9 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 9
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
OffA,MSL
gFS8g, TA=25°C, nominal
VDD supplies, after MSL1-
prec. 3 / soldered
±70
mg
OffA,life
gFS8g, TA=25°C, nominal
VDD supplies, soldered,
over life time4
±150
mg
Zero-g Offset
Temperature Drift
TCOA
gFS8g,
Nominal VDD supplies
best fit straight line
±1.0
mg/K
Nonlinearity
NLA
Best fit straight line, gFS8g
±0.5
%FS
Output Noise
nA,nd
gFS8g, TA=25°C, nominal
VDD, Normal mode
180
µg/
Hz
nA,rms
Filter setting 80 Hz, ODR
200 Hz
1.8
mg-rms
Cross Axis
Sensitivity
SA
Relative contribution
between any two of the
three axes
1
%
Alignment Error
EA
Relative to package
outline
±0.5
°
Output Data rate
(set of x,y,z rate)
ODRA
12.5
1600
Hz
Output Data rate
accuracy
(set of x,y,z rate)
AODRA
Normal mode, over whole
operating temperature
range
±1
%
Table 3: Electrical characteristics gyroscope
OPERATING CONDITIONS GYROSCOPE
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Range
RFS125
Selectable
via serial digital interface
125
°/s
RFS250
250
°/s
RFS500
500
°/s
RFS1000
1,000
°/s
RFS2000
2,000
°/s
Start-up Time
tG,su
Suspend to normal mode
ODRG=1600Hz
55
ms
tG,FS
Fast start-up to normal
mode
10
ms
OUTPUT SIGNAL GYROSCOPE
Sensitivity
RFS2000
Ta=25°C
15.7
16.4
17.1
LSB/°/s
RFS1000
Ta=25°C
31.3
32.8
34.3
LSB/°/s
RFS500
Ta=25°C
62.6
65.6
68.6
LSB/°/s
RFS250
Ta=25°C
125.3
131.2
137.1
LSB/°/s
3 Values taken from qualification, according to JEDEC J-STD-020D.1
4 Values taken from qualification, according to JEDEC J-STD-020D.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn