Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 98 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 98 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 98
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
The figure below shows the definition of the I²C timings given in Table 33:
Figure 27: I²C timing diagram
The I²C protocol works as follows:
START: Data transmission on the bus begins with a high to low transition on the SDA line while
SCL is held high (start condition (S) indicated by I²C bus master). Once the START signal is
transferred by the master, the bus is considered busy.
STOP: Each data transfer should be terminated by a Stop signal (P) generated by master. The
STOP condition is a low to HIGH transition on SDA line while SCL is held high.
ACKS: Each byte of data transferred must be acknowledged. It is indicated by an acknowledge
bit sent by the receiver. The transmitter must release the SDA line (no pull down) during the
acknowledge pulse while the receiver must then pull the SDA line low so that it remains stable
low during the high period of the acknowledge clock cycle.
In the following diagrams these abbreviations are used:
S
Start
P
Stop
ACKS
Acknowledge by slave
ACKM
Acknowledge by master
NACKM
Not acknowledge by master
RW
Read / Write
A START immediately followed by a STOP (without SCL toggling from ”VDDIO” to ”GND”) is not
supported. If such a combination occurs, the STOP is not recognized by the device.
tHDDAT
tf
tBUF
SDA
SCL
SDA
tLOW
tHDSTA
tr
tSUSTA
tHIGH
tSUDAT
tSUSTO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn