Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 12
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
nrms,ha,m
High accuracy preset
TA=25°C
Nominal VDD supplies
0.3
µT
Power Supply
Rejection Rate
PSRRm
TA=25°C
Nominal VDD supplies
±0.5
µT/V
Table 5: Electrical characteristics temperature sensor
OPERATING CONDITIONS AND OUTPUT SIGNAL OF TEMPERATURE SENSOR
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Temperature Sensor
Measurement Range
TS
-40
85
°C
Temperature
Sensor Slope
dTS
0.002
K/LSB
Temperature
Sensor Offset
OTS
±2
K
Output Data Rate
ODRT
Accelerometer on or gyro
in fast start-up
0.8
Hz
Gyro active
100
Hz
Resolution
nT
Accelerometer on or gyro
in fast start-up
8
bit
Gyro active
16
bit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn