Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BMX160 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Part No. BMX160
Description  Small, low power 9-axis sensor
Download  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOSCH [Bosch Sensortec GmbH]
Homepage  https://www.bosch-sensortec.com
Logo 

BMX160 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 113 page
background image
BMX160
Data sheet
Page 18
BST-BMX160-DS000-12 | Revision 1.2 | January 2019
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany. Note: Specifications within this document are preliminary and
subject to change without notice.
Table 9: Typical total current consumption in µA according to number of averaging cycles and
accelerometer ODR settings (gyroscope in suspend mode and accelerometer in low power
mode and undersampling)
Typical current consumption in µA11
AVG – number of averaging cycles
1
2
4
8
16
32
64
128
ODR
of accelerometer
in low power mode
[Hz]
(gyroscope,
magnetometer
and
magnetometer
interface are in suspend
mode)
0.7812
5
3
3
4
4
5
6
9
14
1.5625
4
4
4
5
6
9
14
25
3.125
4
5
5
7
9
15
25
46
6.25
6
6
8
10
16
26
47
90
12.5
8
10
12
18
28
49
92
n. m.*
25
14
17
22
32
54
96
normal mode*
50
25
30
41
62
104
normal mode*
100
46
57
78
121
normal mode*
200
90
111
154
normal mode*
400
172
172
normal mode*
800
normal mode*
1600
normal mode*
* Note: Those combinations are not available in low-power mode. Switching to normal power
mode is required to for these combinations .
2.2.1.1.3 Noise of Accelerometer in Low Power Mode
When acc_us=1, accelerometer is in undersampling mode. The noise is only depending on the
number of averaging cycles.
Table 10: Accel noise in mg according to averaging with undersampling (range +/- 8g)
Magnetometer Modes
When the force mode of magnetometer is triggered by magnetometer interface at a defined ODR,
desired balance between output noise and active time (hence power consumption) can be
adjusted. There are four recommended presets (High accuracy preset, Enhanced regular preset,
Regular preset, Low power preset) which reflect the most common usage scenarios, i.e. required
output accuracy at a given current consumption of the magnetometer.
The four presets are automatically set by the BMX160 API or driver provided by Bosch Sensortec
when a preset is selected. The following table shows the recommended presets, the resulting
magnetic field output noise and current consumption:
11 Values are to be updated
AVG – number of averaging cycles
1
2
4
8
16
32
64
128
RMS-noise (typ.) [mg]
4.3
3.5
3.0
2.0
1.5
1.1
0.7
0.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn