Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1729-3018CN Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AIC1729-3018CN
Description  400mA Low Dropout Linear Regulator with Voltage Detector Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AIC1729-3018CN Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AIC1729-3018CN Datasheet HTML 1Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 2Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 3Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 4Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 5Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 6Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 7Page - List of Unclassifed Manufacturers AIC1729-3018CN Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AIC1729
6
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7
Output voltage vs. Temperature
-40
-20
0
20
40
60
80
100
3.25
3.30
3.35
3.40
I_load=400mA
Temperature (C)
I_load=250mA
I_load=100mA
I_load=0mA
Fig. 8
Output Turn-on Rise Time
Fig. 9
Built-in Delay Time Waveform
Detector Voltage
D
OUT
Fig. 10 Delay Time vs. External Capacitor
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
V_det=4.5 V
External Capacitor (nF)
n BLOCK DIAGRAM
1.8~4.0V
LDO
SD
Control
SD
Control
Voltage
Detector
VOUT1
SD1
VOUT2
SD2
VCC
CD
DOUT
GND


Similar Part No. - AIC1729-3018CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CX AIC-AIC1720-30CX Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CZL AIC-AIC1720-30CZL Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
More results

Similar Description - AIC1729-3018CN

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Fitipower Integrated Te...
FP6163 FITIPOWER-FP6163 Datasheet
550Kb / 10P
   Low Input Voltage, Low Dropout 400mA Linear Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com