Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 12 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 12 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 16Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
7
Track ID: JATR-1076-21 Rev. 1.1
5.7. Power and Ground Pins
Table 7. Power and Ground Pins
Name
Type
Pin No.
Description
AVDD33
P
36
3.3V Analog power input.
3.3V power supply for analog circuit; should be well decoupled.
AGND
P
29, 35
Analog Ground.
Should be connected to a larger GND plane.
DVDD33
P
14, 48
3.3V Digital Power input.
3.3V power supply for digital circuit.
DGND
P
11, 17, 45
Digital Ground.
Should be connected to a larger GND plane.
5.8. Reset and Other Pins
Table 8. Reset and Other Pins
Name
Type
Pin No.
Description
RESETB
I
42
RESETB
Set low to reset the chip. For a complete reset, this pin must be asserted low
for at least 10ms.
PWFBOUT
O
32
Power Feedback Output.
Be sure to connect a 22uF tantalum capacitor for frequency compensation and
a 0.1uF capacitor for noise de-coupling. Then connect this pin through a
ferrite bead to PWFBIN (pin8). The connection method is outlined in
7.11 3.3V Power Supply and Voltage Conversion Circuit, page 22..
PWFBIN
I
8
Power Feedback Input: see the PWFBOUT description above.
NC
27
Not Connected.


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com