Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 13 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
8
Track ID: JATR-1076-21 Rev. 1.1
6.
Register Descriptions
This section describes the functions and usage of the registers available in the RTL8201CP.
In this section the following abbreviations are used:
RO:
Read Only
RW:
Read/Write
6.1. Register 0 Basic Mode Control Register
Table 9. Register 0 Basic Mode Control Register
Address
Name
Description
Mode
Default
0:15
Reset
This bit sets the status and control registers of the PHY in a default
state. This bit is self-clearing.
1: Software reset
0: Normal operation
RW
0
0:14
Loopback
This bit enables loopback of transmit data nibbles TXD3:0 to the
receive data path.
1: Enable loopback
0: Normal operation
RW
0
0:13
Spd_Set
This bit sets the network speed.
1: 100Mbps
0: 10Mbps
After completing auto negotiation, this bit will reflect the Speed status.
1: 100Base-T
0: 10Base-T)
When 100Base-FX mode is enabled, this bit=1 and is read only.
RW
1
0:12
Auto
Negotiation
Enable
This bit enables/disables the Nway auto-negotiation function.
1: Enable auto-negotiation; bits 0:13 and 0:8 will be ignored.
0: Disable auto-negotiation; bits 0:13 and 0:8 will determine the link
speed and the data transfer mode, respectively.
When 100Base-FX mode is enabled, this bit=0 and is read only.
RW
1
0:11
Power Down This bit turns down the power of the PHY chip, including the internal
crystal oscillator circuit. The MDC, MDIO is still alive for accessing
the MAC.
1: Power down
0: Normal operation
RW
0
0:10
Reserved
0:9
Restart Auto
Negotiation
This bits allows the NWay auto-negotiation function to be reset.
1: Re-start auto-negotiation
0: Normal operation
RW
0
0:8
Duplex
Mode
This bit sets the duplex mode if auto-negotiation is disabled
(bit 0:12=0).
1: Full duplex
0: Half duplex
After completing auto-negotiation, this bit will reflect the duplex
status.
1: Full duplex
0: Half duplex
RW
1
0:7:0
Reserved


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com