Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 14 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 14 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 18Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
9
Track ID: JATR-1076-21 Rev. 1.1
6.2. Register 1 Basic Mode Status Register
Table 10. Register 1 Basic Mode Status Register
Address
Name
Description
Mode
Default
1:15
100Base-T4
1: Enable 100Base-T4 support
0: Suppress 100Base-T4 support
RO
0
1:14
100Base_TX_ FD
1: Enable 100Base-TX full duplex support
0: Suppress 100Base-TX full duplex support
RO
1
1:13
100BASE_TX_HD
1: Enable 100Base-TX half duplex support
0: Suppress 100Base-TX half duplex support
RO
1
1:12
10Base_T_FD
1: Enable 10Base-T full duplex support
0: Suppress 10Base-T full duplex support
RO
1
1:11
10_Base_T_HD
1: Enable 10Base-T half duplex support
0: Suppress 10Base-T half duplex support
RO
1
1:10~7
Reserved
1:6
MF Preamble
Suppression
The RTL8201CP will accept management frames with
preamble suppressed.
A minimum of 32 preamble bits are required for the first SMI
read/write transaction after reset. One idle bit is required
between any two management transactions as per IEEE 802.3u
specifications
RO
1
1:5
Auto Negotiation
Complete
1: Auto-negotiation process completed
0: Auto-negotiation process not completed
RO
0
1:4
Remote Fault
1: Remote fault condition detected (cleared on read)
0: No remote fault condition detected
When in 100Base-FX mode, this bit means an in-band signal
Far-End-Fault has been detected (See 7.12 Far End Fault
Indication, page 22.
RO
0
1:3
Auto Negotiation
1: Link has not experienced fail state
0: Link experienced fail state
RO
1
1:2
Link Status
1: Valid link established
0: No valid link established
RO
0
1:1
Jabber Detect
1: Jabber condition detected
0: No jabber condition detected
RO
0
1:0
Extended Capability 1: Extended register capability
0: Basic register capability only
RO
1
6.3. Register 2 PHY Identifier Register 1
Table 11. Register 2 PHY Identifier Register 1
Address
Name
Description
Mode
Default
2:15~0
PHYID1
PHY identifier ID for software recognition of the RTL8201CP
RO
0000
6.4. Register 3 PHY Identifier Register 2
Table 12. Register 3 PHY Identifier Register 2
Address
Name
Description
Mode
Default
3:15~0
PHYID2
PHY identifier ID for software recognition of the RTL8201CP
RO
8201


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com