Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 23 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 23 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 27Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
18
Track ID: JATR-1076-21 Rev. 1.1
7.4. Hardware Configuration and Auto-Negotiation
This section describes methods to configure the RTL8201CP and set the auto-negotiation mode. This list
shows the various pins and their settings.
Table 26. Auto-Negotiation Mode Pin Settings
Pin Name
Description
Isolate
Set high to isolate the RTL8201CP from the MAC. This will also isolate the MDC/MDIO
management interface. In this mode, power consumption is minimum (see 7.7 Power Down, Link
Down, Power Saving, and Isolation Modes, page 20).
RPTR
Pull high to set the RTL8201CP into repeater mode. This pin is pulled low by default (see
7.9 Repeater Mode Operation, page 22.
LDPS
Pull high to set the RTL8201CP into LDPS mode. This pin is pulled low by default (see 7.7 Power
Down, Link Down, Power Saving, and Isolation Modes, page 20).
MII/SNIB
Pull high to set RTL8201CP into MII mode operation, which is the default mode for the RTL8201.
This pin pulled low will set the RTL8201CP into SNI mode operation. When set to SNI mode, the
RTL8201CP will operate at 10Mbps (see 7.6 Serial Network Interface, page 20).
ANE
Auto-Negotiation Enable. Pull high to enable auto-negotiation (default). Pull low to disable auto-
negotiation and activate the parallel detection mechanism (see 7.2 Auto-Negotiation and Parallel
Detection, page 16).
SPEED
When ANE is pulled high, the ability to adjust speed is setup. When ANE is pulled low, pull this pin
low to force 10Mbps operation and high to force 100Mbps operation (see 7.2 Auto-Negotiation and
Parallel Detection, page 16).
DUPLEX
When ANE is pulled high, the ability to adjust the DUPLEX pin will be setup. When ANE is pulled
low, pull this pin low to force half duplex and high to force full duplex operation (see 7.2 Auto-
Negotiation and Parallel Detection, page 16).


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
   REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
   Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com