Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1219-04ST Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CM1219-04ST
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1219-04ST Datasheet(HTML) 6 Page - California Micro Devices Corp

Back Button CM1219-04ST Datasheet HTML 2Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 3Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 4Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 5Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 6Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 7Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 8Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 9Page - California Micro Devices Corp CM1219-04ST Datasheet HTML 10Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
12/22/04
CM1219
Mechanical Details (continued)
SC70-3 Mechanical Specifications:
Dimensions for CM1219-02SC/S7 device supplied in
3-pin SC70 packages are presented below.
For complete information on the SC70-3, see the Cali-
fornia Micro Devices SC70 Package Information docu-
ment.
* This is an approximate amount which may vary.
Package Dimensions for SC70-3.
PACKAGE DIMENSIONS
Package
SC70 (JEDEC name is MO-203 Issue A)
Pins
3
Dimensions
Millimeters
Min
Max
A
0.80
1.10
A1
0.00
0.10
A2
0.70
1.00
B
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
e
0.65 BSC
HE
2.00
2.40
L
0.26
0.46
# / tube
1000 pieces*
# per tape and
reel
3000 pieces*
TOP VIEW
e
E HE
2
B
3
1
Mechanical Package Diagrams
A
SIDE VIEW
L
END VIEW
D
A1
c
A2
e


Similar Part No. - CM1219-04ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1219-05SE ONSEMI-CM1219-05SE Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1219-04ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com