Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1006BU10L100C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS91L1006BU10L100C
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1006BU10L100C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS91L1006BU10L100C Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 9Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 10Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 11Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 12Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
July 2004
AS91L1006BU
Pass Through Support within the AS91L1006BU Device
The AS91L1006BU device supports a
Pass-Through mode where the primary or master
IEEE1149.1 JTAG signals can be routed to any
one of the LSPs. When this mode is activated, the
“Debug Enable” signal for that LSP will go active,
which can be used to place a processor such as
the MPC8260 into BDM (Background Debug
mode), if required. If no processors are present in
the LSP, the Pass-Through mode can be used to
assist in the generation of the test vectors or
memory tests for the devices that are linked into
the selected LSP. The pass-through feature has
the effect of simplifying the test vector generation
for the LSP, as it also has the effect of removing
the AS91L1006BU device from the test vector
generation process.
PASS_THRU_Enable PASS_THRU_SEL(2) PASS_THRU_SEL(1) PASS_THRU_SEL(0) Active LSP
High
X
X
X
Normal
Operation
Low
Low
Low
Low
LSP1
Low
Low
Low
High
LSP2
Low
Low
High
Low
LSP3
Low
Low
High
High
LSP4
Low
High
Low
Low
LSP5
Low
High
Low
High
LSP6
Table 8 - Pass through mode in AS91L1006BU
Note: When PASS_THRU_ENABLE is deasserted (logic “1”), then the LSPs are under
control of the AS91L1006BU device logic. When PASS_THRU_ENABLE is asserted (logic
“0”) and if an invalid combination is presented on the PASS_THRU_SEL lines, then all LSPs
are tri-stated.
www.alsc.com
Alliance Semiconductor
9
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1006BU10L100C

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1006BU10L100C

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com