Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1006BU10L100C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS91L1006BU10L100C
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1006BU10L100C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS91L1006BU10L100C Datasheet HTML 1Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1006BU10L100C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
July 2004
AS91L1006BU
Table 4 - AS91L1006BU Device Instruction Register OpCodes
Note: All instructions act on a single selected AS91L1006BU device only.
* This instruction causes the AS91L1006BU to become unselected and revert to the Wait-for-
Selection state.
Instructions
Hex Op-
Code
Binary Op-
Code
Data Register
BYPASS
FF
11111111
Bypass Register
EXTEST
00
00000000
Boundary-Scan Register
SAMPLE/PRELOAD
81
10000001
Boundary-Scan Register
IDCODE
AA
10101010
Device Identification Register
UNPARK
E7
11100111
Device Identification Register
PARKTLR
C5
11000101
Device Identification Register
PARKRTI
84
10000100
Device Identification Register
PARKPAUSE
C6
11000110
Device Identification Register
GOTOWAIT*
C3
11000011
Device Identification Register
MODESELECT
8E
10001110
Mode Register
MCGRSELECT
03
00000011
Multi-Cast Group Register.
SOFTRESET
88
10001000
Device Identification Register
USERCODE
97
10010111
User Programmable 32 Bit Identification Register
AUTOWR
98
10011000
Auto Write Feature Enable Register
STEST_PCB
99
10011001
Single bit low pulse, used to initiate function on PCB
(SELF_TEST pin)
STATUS_BYTE
9A
10011010
User programmable status byte (USER_STATUS_DATA
pins)
LSP_ASYNC_RESET
9B
10011011
Toggles LSP TRST while maintaining the AS91L1006BU
in the selected state.
Other Undefined
TBD
TBD
Device Identification Register
www.alsc.com
Alliance Semiconductor
5
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1006BU10L100C

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1006BU10L100C

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com