Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400-03HA Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM2400-03HA
Description  Universal Serial Bus Transceiver with Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-03HA Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM2400-03HA Datasheet HTML 1Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 2Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 3Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 4Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 5Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 6Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 7Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 8Page - California Micro Devices Corp CM2400-03HA Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
08/24/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
1
CM2400-02/03/04
PRELIMINARY
Universal Serial Bus Transceiver with Level Translator
Features
Complies with USB Specification Rev 1.1 & 2.0
Supports full speed (12Mbit/sec.) and low speed
(1.5Mbits/sec.) modes
Integrated 5V to 3.3V regulator
Used as a USB device transceiver or
host transceiver
•VBUS disconnection indication through VP and VM
outputs
Two single-ended receivers with hysteresis
USB Detection of VBUS via level translator
Stable RCV output during SE0 condition
Low power operation from VCC
Supports 1.65V to 3.6V I/O voltage levels
Full industrial operating range -40 to 85 °C
Available in small HBCC-16 and
TSSOP-16 packages
Applications
Wireless handsets
Digital still cameras
PDAs (Personal Digital Assistants)
IAs (Information Appliances)
Product Description
The CM2400-02/03/04 Universal Serial Bus (USB)
transceiver is fully compliant with the USB specification
Rev 1.1 and 2.0. It supports a speed of 12Mbits/s (Full
Speed Mode).
An internal level shifter allows interface to Application
Specific ICs (ASICs) and Programmable Logic Devices
(PLD's) running at core voltages of 1.65V to 3.6V.
The CM2400-02/03/04 features an internal 5V to 3.3V
regulator which is used to power the USB transceiver
via the USB supply VBUS.
The CM2400-04 features a Mode Input pin (MODE)
which allows the device to operate in either single or
differential input mode.
This device is ideal for portable electronic devices such
as mobile phones, digital still cameras, PDAs (Personal
Digital Assistants) and IAs (Information Appliances).
The CM2400-02/03/04 is packaged in a small form-fac-
tor 16-lead HBCC or TSSOP package to conserve
board space.
Simplified Block Schematic
Voltage
Regulator
VCC
ENUM
OE
VMO/FSEO
VPO/VO
RCV
SPEED
VP
VM
GND
D-
D+
VPU
VBUS
SPND
VREG
MODE*
* MODE pin available on
CM2400-04 only.


Similar Part No. - CM2400-03HA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HA CALMIRCO-CM2400-05HA Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HB CALMIRCO-CM2400-05HB Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-03HA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com