Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP7615 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7615
Description  Four Channel Constant Current LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7615 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7615 Datasheet HTML 1Page - Sipex Corporation SP7615 Datasheet HTML 2Page - Sipex Corporation SP7615 Datasheet HTML 3Page - Sipex Corporation SP7615 Datasheet HTML 4Page - Sipex Corporation SP7615 Datasheet HTML 5Page - Sipex Corporation SP7615 Datasheet HTML 6Page - Sipex Corporation SP7615 Datasheet HTML 7Page - Sipex Corporation SP7615 Datasheet HTML 8Page - Sipex Corporation SP7615 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Date: 08/31/05
SP7615 Four Channel Constant Current LED Driver
© Copyright 2005 Sipex Corporation
BLOCK DIAGRAM
Introduction
The SP7615 is a four channel constant current
source LED driver with programmable output
current level. The design consists of a regulator
bandgap, voltage to current converter, and
output mirror drivers. The bandgap ensures
good performance over voltage and
temperature. The four outputs are tightly
coupled allowing for excellent channel
matching.
Thermal Shutdown
The SP7615 uses a thermal comparator to
monitor the system temperature shutting the
device down if the internal temperature reaches
150ºC. The device will remain off until the
internal temperature drops below 130ºC.
Enable
The device has an enable function that is
designed for TTL level inputs. This input will
also track the V
CC pin so levels up to VCC are
THEORY OF OPERATION
Figure 1. SP7615 Block Diagram
VCC
GND
EN
ISET
LED1
LED2
LED3
LED4
Bias
Driver
Thermal
Shutdown
V to I
Converter
acceptable. The enable pin can also be used to
control the LED brightness with a pulse width
modulated control signal. Duty Cycle or PWM
control of the LED current maintains constant
LED color while brightness is changing. The
SP7615 responds in less than 10µs to PWM
signals applied to this pin.
I
SET Pin
The I
SET pin is the servo point of an amplifier
configured as a voltage to current converter.
The voltage at this pin trips servos to the
internal bandgap potential. A set resistor can
be connected from the I
SET pin to ground to
generate a reference current for the following
current gain stages. A current could
alternately be applied to this pin in the form
of a current source or current output DAC.
This pin can also have a PWM signal applied
to control the LED brightness.


Similar Part No. - SP7615

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7615EB SIPEX-SP7615EB Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7615ER SIPEX-SP7615ER Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
SP7615ER SIPEX-SP7615ER Datasheet
84Kb / 4P
   Evaluation Board Manual
More results

Similar Description - SP7615

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3212-STLS2-TR ISSI-IS31BL3212-STLS2-TR Datasheet
306Kb / 10P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Sipex Corporation
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Inventronics Inc.
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. O
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
   144W Four-channel Constant Current IP67 Driver
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com