Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


XPT7603 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 10 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 10/25
YN
XP, YP
XN
YN
XP, YP
XN
7
XPT7603 Typical Characteristics
Conditions: TA = 25
, VDD = +2.7 V; VREF = 2.5V external voltage, 12
-bit mode; PD0 = 0
140
120
100
80
60
40
POWER
−DOWN SUPPLY CURRENT vsTEMPERATURE
40
200
20
40
60
80
100
Temperature
( C)
450
400
350
300
250
200
150
100
VDD SUPPLY CURRENT vs VDD
Fast mode
Standard mode
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD(V)
REFERENCE CURRENT vs SAMPLE RATE
14
12
10
8
6
4
2
0
0
25
50
75
100
125
Sample Rate (kHz)
REFERENCE CURRENT vs TEMPERATURE
18
16
14
12
10
8
6
40
20
0
20
40
60
80
100
Temperature
( C)
SWITCH ON
− RESISTANCE vs VDD
(XP, YP: VDD to Pin; XN, YN: Pin to GND)
8
7
6
5
4
3
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VDD (V)
SWITCH ON
−RESISTANCE vs TEMPERATURE
(XP, YP: VCC to Pin; XN, YN: Pin to GND)
8
7
6
5
4
3
2
1
40
20
0
20
40
60
80
100
Temperature
( C)
Standard mode/fast mode




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl