Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



XPT7603 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Part No. XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

XPT7603 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 17 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 17/25
Figure 1 the battery voltage measurement function module map
8.9
Pressure Measurement
XPT7603 can also measure the pressure of touch, that is written in Table 3 Measurement of Z direction. In
general, the performance of such measurements do not ask for much, so the use of 8-bit resolution mode
(however, the calculation is the following 12-bit resolution mode) can be. There are several different ways to
achieve the pressure measurements. The first method needs to know X panel of the resistance, X the location
of the measurement, touch screen panel attached between the two measured values (Z1 and Z2), as shown
in Figure 11. Formula can be used (3) calculate the touch resistance:
R touch = RX panel • ... ... ... ... ... ... (3)
The second approach requires the detection of X and Y panels panel resistance, X and Y position, and
the Z1 position. Formula can be (4) Calculation of touch resistance: ... ... ... ... ... ... (4)
Figure 1 Pressure Measurement Block Diagram
9
Digital Interface
XPT7603 data interface is I2C serial interface, I2C interface to meet the agreement, can realize
the standard model (100K), fast mode (400K) or high-speed mode (3.4M), divided into the control
of XPT7603 writing, reading two command format, write command is used to enter an address and
command bytes, so that work in the designated XPT7603 configuration and mode, XPT7603 read
command is used to output data of ADC conversion in order to obtain information related to
measurement.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn