Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


XPT7603 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 2 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
httĀ©
Ā©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 2/25
CONTENTS
1
General Description...................................................................................................................................... 4
2
Features ........................................................................................................................................................... 4
3
Applications.................................................................................................................................................... 4
4
Typical Application Circuit ........................................................................................................................ 4
5
Limit Parameter ............................................................................................................................................. 6
5.1
Electrical Characteristics............................................................................................................... 7
6
Pin Configuration .......................................................................................................................................... 9
6.1
Pin Layout ........................................................................................................................................ 9
6.1.1
MSOP-10 Package ......................................................................................................................... 9
6.2
Pin Discription.................................................................................................................................. 9
7
XPT7603 Typical Characteristics ............................................................................................................ 10
8
Theory of Operation ................................................................................................................................. 12
8.1
The Basic Principle ....................................................................................................................... 12
8.2
Analog Input Characteristics ....................................................................................................... 12
8.3
Internal Vref.................................................................................................................................... 13
8.4
Single-ended Mode....................................................................................................................... 13
8.5
Differential Mode ........................................................................................................................... 14
8.6
Application Recommendations of Touch Screen ..................................................................... 14
8.7
Temperature Measurement ......................................................................................................... 15
8.8
Battery Measurement ................................................................................................................... 16
8.9
Pressure Measurement................................................................................................................ 17
9
Digital Interface............................................................................................................................................ 17
9.1
Write Command ............................................................................................................................ 18
9.2
Read Command ............................................................................................................................ 19
9.3
High-Speed Mode ......................................................................................................................... 20
9.4
Digital Timing ................................................................................................................................. 20
9.5
Data Format ................................................................................................................................... 21
10
PENIRQ Output............................................................................................................................ 21
11
Application Notes ....................................................................................................................... 22
12
Physical Size of Chip Package............................................................................................... 24
12.1
MSOP-10 Package ....................................................................................................................... 24




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl