Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



XPT9305 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

Part No. XPT9305
Description  Audio Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

XPT9305 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
SHENZHEN XPTEK TECHNOLOGY CO., LTD
XPT9305
Mono 5W
THD=10%, 2
Ω Load , Class-D Audio Power Amplifier
Address:The 5th floor, R3-A, hi tech Industrial Park, Nanshan District, Shenzhen, Guangdong Prov. China
Website:www.xptek.cn
The Micro message No.:szxpt168
Sales:sales@xptek.cn
Technical support:support@xptek.cn
Design servicesdesign@xptek.cn
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
SHIPPING PACKAGE
PCS
NOTE
XPT9305
ESOP8
100 Units/Tube
Thermal PAD
TYPICAL APPLICATION CIRCUIT
1uF
470uF
SD
BYP
INP
INN
VON
VOP
VDD
GND
XPT9305
Rin
Cin
CB
ON
OFF
Audio
Proccssor
1
2
3
4
5
6
7
8
Rin
Cin
CS1
CS2
Figure1. Typical Application Circuit
PIN CONFIGURATION
1
2
3
4
8
7
6
5
SD
BYP
INP
INN
GND
VDD
VON
VOP
Top View
ESOP
XPT9305
ESOP8
Figure2.Pin Configuration
PIN DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
SD
Shutdown Control Input(active low)
2
BYP
Internal common-mode voltage
3
INP
The positive phase Input
4
INN
The negative phase Input
5
VON
The negative phase output
6
VDD
Power
7
GND
Ground
8
VOP
The positive phase output


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn