Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


XPT9305 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part No. XPT9305
Description  Audio Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 7 page
background image
SHENZHEN XPTEK TECHNOLOGY CO., LTD
XPT9305
Mono 5W
THD=10%, 2
Ω Load , Class-D Audio Power Amplifier
Address:The 5th floor, R3-A, hi tech Industrial Park, Nanshan District, Shenzhen, Guangdong Prov. China
Website:www.xptek.cn
The Micro message No.:szxpt168
Sales:sales@xptek.cn
Technical support:support@xptek.cn
Design servicesdesign@xptek.cn
PACKAGE INFORMATION
ESOP8
IMPORTANT NOTICE
SHENZHEN XPTEK TECHNOLGY CO., LTD
XPTEK reserve the right to make corrections, modifications, enhancements, improvements, and other changes to
its products and services at any time and to discontinue any product or service without notice. Customers should
obtain the latest relevant information before placing orders and should verify that such information is current and
complete.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl