Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



CSE7759 Datasheet(HTML) 6 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759
Description  Single phase multi-function measurement chip
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

CSE7759 Datasheet(HTML) 6 Page - Core Technology (Shenzhen) Co., Ltd.

Zoom Inzoom in Zoom Outzoom out
 6 page
background image
CSE7759
Chip Feature Description
R
R e
R ee v
e v
v 1
v 1
1 .
1 ..1111111
The first
The first 6
The first 6
6 page
6 page
page ,
page ,
, Altogether
, Altogether
Altogether 1
Altogether 1
1 1
1 1
1 page
1 page
page
2 Chip Feature Description
2 Chip Feature Description
Recommended operating conditions
parameter
Symbol
Min
Typ
Max
Units
Positive supply
temperature range
2.1 Analog Features
2.1 Analog Features
VDD = 5 V ± 10%; GND = 0 V;
parameter
Symbol
Min
Typ
Max
Units
Accuracy
Active Power
Full range input gain range 0.1%
Full range input gain range 0.1%
~ 100% P Active
~ 100% P Active
RMS current
Full range input gain
range From 0.2% to 100%
range From 0.2% to 100%
RMS voltage
Full range input gain range 0.2%
Full range input gain range 0.2%
~ 100% V RMS
~ 100% V RMS
Analog input (all channels)
Common mode signal
Analog Input
Crosstalk voltage channel full scale ( 50, 60Hz )
Crosstalk voltage channel full scale ( 50, 60Hz )
Crosstalk voltage channel full scale ( 50, 60Hz )
Input capacitance
Equivalent input impedance: Current Channel
Equivalent input impedance: Current Channel
Voltage Channel
Equivalent Input Noise
Current
Channel Voltage Channel
Power supply
Current consumption
IA +
ID + (VDD = 5 V)
Power ( VDD = 5 V)
Power ( VDD = 5 V)
Brownout detector threshold a low pressure
Brownout detector threshold a high pressure
PActive
-
±0.2
-
%
IRMS
-
±0.5
-
%
VRMS
-
±0.5
-
%
-1
-
1
V
-
-100
-
dB
IC
-
6.4
-
pF
EII
500
6
-
kΩ
MΩ
NI
-
-
-
-
2
20
µVrms
µVrms
3
-
-
mA
mA
PC
-
15
mW
PMLO
-
4
-
V
PMHI
-
4.3
-
V
VDD
4.5
5.0
5.5
V
TA
-40
-
+85


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn