Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CSE7759B Datasheet(PDF) 4 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

 
 4 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
4/25
1
Functional Description of the Chip
CSE7759B is a single-phase multi-function measuring chip, provides high-frequency pulse
CF for measuring electric quantity and may read relevant parameters of current, voltage and
power (such as coefficient, cycle) directly through UART; baud rate of serial port is 4800bps
(± 2%) 8-bit data with 1 even parity check and 1 stop bit. This chip is packaged in SOP8.
1.1 Main Characteristic Function of the Chip
1.
The cumulative error of the charge is ±2%.
2.
For current RMS, voltage RMS and power error range, see section 2.3
3.
Baud rate of UART communication protocol of serial port is 4800bps.
4.
Built-in power supply monitoring circuit; the chip will be enter reset state when power
supply voltage is lower to 4V.
5.
Built-in 2.43V voltage reference source.
6.
5V single power supply; operating current is smaller than 5mA.
7.
Main application area: Occasions needing to meter voltage, current and power, such as
single-phase multifunction watt-hour meter, measuring socket and data display
instrument etc.
1.2 Pin Description of the Chip
CSE7759B is packaged in SOP8.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl