Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSE7759B Datasheet(PDF) 13 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSE7759B Datasheet(HTML) 13 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSE7759B Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 13Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 14Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 15Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 16Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 17Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
13/25
3.4 Serial Port Protocol
Relevant parameters of voltage, current, power and electric quantity could be read by the
user through UART serial port protocol (RI and TI) and voltage, current, power and electric
quantity could be obtained through calculation. At present, this serial port only supports baud
rate of 4800bp (with allowable error of ±2%). Receive port RI is reserved temporarily and does
not have actual function. The serial port will transmit data pockets of voltage coefficient, voltage
cycle, current coefficient, current cycle, power coefficient, power cycle, calibration times and
number of CF pulses through TI (transmit data in hexadecimal system).
Specific format of the data pocket is composed of: Packet header (2*(1byte data+1bit even
parity check))→voltage coefficient (3*(1byte data +1bit even parity check))→voltage cycle
(3*(1byte data +1bit even parity check))→current coefficient (3*(1byte data +1bit even parity
check))→current cycle (3*(1byte data +1bit even parity check))→power coefficient (3*(1byte
data
+1bit
even
parity
check))→power cycle (3*(1byte data +1bit even parity
check))→calibration times (1*(1byte data +1bit even parity check))→number of CF pulses
(2*(1byte data +1bit even parity check))→Packet tail(1bytedata +1bit even parity check).
24byte totally; 54.912ms is used at 4800bps.
Figure 4: Schematic Diagram of UART Data
Table 3-1
Data Symbol
Data Name
High Byte
Medium Byte
Low Byte
Voltage coefficient
Ukh
Ukm
Ukl
Voltage cycle
Uth
Utm
Utl
Current coefficient
Ikh
Ikm
Ikl
Even
Parity
Check
Byte No. data flow
Stop
Bit
Start
Bit


Similar Part No. - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
More results

Similar Description - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
   Electric Power Detection, Battery Energy Display
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
   LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
logo
TOKYO SEIMITSU CO., LTD
HOLOS ACCRETECH-HOLOS Datasheet
376Kb / 4P
   Free-form Curved Surface Measuring Program
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
   Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
logo
ams AG
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com