Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CSE7759B Datasheet(PDF) 23 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

 
 23 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
23/25
Start
Packet header 1=55H?
Packet header 2=5AH?
Checksum1 right?
Adj.6=1?
Measured voltage=voltage
coefficient*V2R/voltage cycle
End
Packet header 1=AAH?
Chip not
calibrated
YES
Packet header 1=FxH
&(包头1.bit2=1|Packet header
1.bit3=1)
Abnormal external
circuit or chip damage
NO
YES
YES
YES
YES
NO
N0
NO
Packet header 1=FxH
&Packet header 1.bit2=0
&Packet header 1.bit3=0
NO
YES
YES
NO
NO
Figure 6: voltage operation flow chart
3.8.2 current operation reference flow chart
Start
Packet header 1=55H?
Packet header 2=5AH?
Checksum1 right?
Adj.5=1?
Measured current=current
coefficient/(current cycle*V1R)
End
Packet header 1=AAH?
Chip not
calibrated
YES
Packet header 1=FxH
&(包头1.bit2=1|Packet header
1.bit3=1)?
Abnormal external
circuit or chip damage
NO
YES
YES
YES
NO
N0
NO
Packet header 1=FxH
&Packet header 1.bit2=0
&Packet header 1.bit3=0?
NO
YES
YES
NO
NO
Measured power=0?
Measured current=0
YES
YES
NO
Figure 7: current operation flow chart




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl