Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H27UCG8T2BTR-BC Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27UCG8T2BTR-BC Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button H27UCG8T2BTR-BC Datasheet HTML 13Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 14Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 15Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 16Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 17Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 18Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 19Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 20Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
17
Parameter
Symbol
Test
Conditions
3.3V
Units
Min
Typ
Max
Power on reset current
ICC0
FFh command
input after
power on
-
-
50 per
device
mA
Operating
Current
Read
ICC1
tRC= tRC(min),
CE#=VIL,
IOUT=0 ㎃
-
-
50
mA
Program
ICC2
-
-
50
mA
Erase
ICC3
-
-
50
mA
Stand-by Current
(TTL)
ICC4
CE#=VIH,
WP#=0V/VCC
-
-
1
mA
Stand-by Current
(CMOS)
ICC5
CE#=VCC-0.2,
WP#=0V/VCC
-
10
50
uA
Input Leakage Current
VIN=0 to VCC(MAX)
-
-
±10
uA
Output Leakage Current
ILO
VOUT=0 to VCC(MAX)
-
-
±10
uA
Input High Voltage
VIH
-
Vccx0.8
-
Vcc+0.3
V
Input Low Voltage
VIL
-
-0.3
-
0.2xVcc
V
Output High Voltage Level
VOH
IOH=-400 ㎂
2.4
-
-
V
Output Low Voltage Level
VOL
IOL=2.1 ㎃
-
-
0.4
V
Output Low Current (R/B#)
IOL (R/B#)
VOL=0.4V
8
10
-
mA
Parameter
Value
2.7V ≤ VccQ ≤ 3.6V
Input Pulse Levels
0 V to VCC
Input Rise and Fall Times
5
Input and Output Timing Levels
VCC / 2
Output Load (2.7V-3.6V)
1 TTL GATE and CL=50㎊
Note:
These parameters are verified device characterization and are not 100% tested.
2.3. DC and Operating Characteristics
2.4. AC Test Conditions


Similar Part No. - H27UCG8T2BTR-BC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27UCG8T2B HYNIX-H27UCG8T2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - H27UCG8T2BTR-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
Hynix Semiconductor
H27UAG8T2B HYNIX-H27UAG8T2B Datasheet
1Mb / 61P
   16Gb (2048M x 8bit) NAND Flash
logo
Toshiba Semiconductor
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Toshiba Semiconductor
TC5832DC TOSHIBA-TC5832DC Datasheet
1Mb / 38P
   32 MBIT (4M x 8BIT) CMOS NAND E2PROM
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
logo
WAGO Kontakttechnik Gmb...
752-9400 WAGO-752-9400 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 4GB RAM; 64GB FLASH
752-9401 WAGO-752-9401 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 8GB RAM; 64GB FLASH
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com