Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


H27UCG8T2BTR-BC Datasheet(PDF) 47 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 47 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
47
4.12. Multi Plane Cache Program (available only within a block)
The device supports multi-plane cache program, which enables high program throughput by programming two
pages. The serial data-loading period begins by inputting the Serial Data Input command (80h), followed by the
five cycle address inputs and then serial data for the first page. Address for this page must be within first plane
(A<23>=0). The data of first page other than those to be programmed do not need to be loaded. The device
supports random data input exactly like page program operation. The Dummy Page Program Confirm command
(11h) stops 1st page data input and the device becomes busy for a short time (tDBSY). Once it has become ready
again, 81h command must be issued, followed by 2nd page address (5 cycles) and its serial data input. Address
for this page must be within second plane (A<23>=1). The data of second page other than those to be
programmed do not need to be loaded. Cache Program Confirm command (15h) makes parallel programming of
both pages start. And last page inputs Program confirm command (10h). Figure 44 shows the command
sequence for Multi Plane Cache Program operation. After the “15h” or “10h” command, the result per plane of
the operation is shown through the “78h” Multi Plane Read Status command.
Figure 44 : Multi plane cache program
Notes:
1. plane 0 and plane 1 should be selected within the same chip
2. Only one block should be selected from the each plane.
3. Multi plane cache program is available only within a block per plane.
4. Selected Page address except A23 within two blocks must be same.
5. The operation has to be terminated with “10h” command.
6. Any command between 11h and 81h is prohibited except 70h/78h/75h and FFh.
7. Read Status command can be 70h or 78h or 75h. Reading the Status per plane
is available only 78h.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl