Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


RT600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. RT600
Description  Family of Crossover Processors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 2 page
background image
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of their respective owners. Arm, Cortex and TrustZone are
trademarks or registered trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere. The related technology may be protected by any or all of patents,
copyrights, designs and trade secrets. All rights reserved. © 2018 NXP B.V.
Document Number: IMXRT600FAMILYFS REV 3
Release Date: October 2018
www.nxp.com/iMXRT600
MCU NEXT-GENERATION CORE +
HIGH-PERFORMANCE AUDIO DSP
INTEGRATION
}
Move fast, react fast with real-time
microcontroller domain
}
Create advanced audio and
voice recognition systems with a
breakthrough DSP engine
}
Connect and protect with a high level
of security
PERFORMANCE HIGHLIGHTS
}
Highly optimized Cadence Tensilica
Hi-Fi 4 Audio DSP Engine
– Featuring emerging multichannel
object-based audio standards
– Ideal for DSP-intensive applications
}
High-performing Cortex-M33 core
– Next-generation core based on the
Arm v8-M architecture
– Hardware co-processors provide
accelerated support for additional
DSP algorithms and cryptography
}
Extensive memory resources
– Up to 4.5 MB accessible to both
cores and both DMA engines to
simplify development complexity
– 128 KB tightly-coupled memory
(TCM) for the exclusive use of the
DSP core
USABILITY HIGHLIGHTS
Design Flexibility
}
Improved power efficiency
– Wide dynamic voltage and
performance range
– Simplified power modes with fast
wake-up and low leakage
– Configurable blocks of memory for
individual power gating and retention
}
Advanced audio subsystem interfaces
– DMIC interface supporting eight
channels and voice activation detect
– Up to 8 x I2S interfaces for
high-performance, multichannel
audio
}
External memory interface options
– Octal/Quad SPI with cache and
dynamic decryption
}
Numerous connectivity and
communication interfaces
– SDIO for Wi-Fi®-enabled streaming
– High-speed USB device/host and
high-speed SPI interfaces
Advanced Security
}
Arm TrustZone®-M for asset protection
– System-wide, secure resource
isolation for trusted hardware
}
Secure boot mechanism with SRAM
PUF or OTP-based unique key for
hardware based root of trust
}
Symmetric and asymmetric
cryptography acceleration
– AES-256, SHA2-256
– ECC and RSA
}
Octal/Quad SPI interface with a
real-time decryption engine
}
Secure debug authentication
Feature
i.MX RT685
Control Processor Core/Speed
Arm® Cortex®-M33 up to 300 MHz
DSP Processor Core/Speed
Tensilica® Hi-Fi 4 up to 600 MHz
On-chip RAM
Up to 4.5 MB
DSP TCM
128 KB
DSP Cache
96 KB
SDIO
2 x SDIO, 1 supports eMMC5.0 w/ HS400
Octal/Quad SPI
1 x up to 100 MB per second
DMA Engine
2 x with 35 channels each
USB with PHY
1 x high-speed host/device
High-Speed SPI
1 x up to 50 MHz
Serial Interfaces
8 x FlexComm interfaces with support up to 8 x SPI, 8 x I2C, 8 x UART,
4 x I2S channels (total 8 instances)
I3C
1 x Master/Slave
DMIC
Up to 8 channels
GPIO
Up to 228
Security
SRAM PUF, RNG, AES256, SHA-2, Secure Boot, RNG
ADC
1 x 12-bit 1 Msamples/s
ACMP
4
Cap Touch / Temperature Sensor
1/1
SCTimer
Multi-rate Timer
OS Event Timer
1 x 32-bit
1 x 24-bit
1 x 64-bit
GP Timer / WDOG
5/2
Reduced-Power Modes
Sleep mode, deep-sleep mode and deep power-down mode
Package
VFBGA176
Operating Temperature
0 to 70 °C




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl