Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



CJX2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

Part No. CJX2
Description  AC contactor
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CJX2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
AC contactor
CJX2 AC Contactor( including LC1-D contactor and LC1-F Contactor),it is suitable for using in the
circuit up to the rated voltage 1000V AC 50/60 Hz,and three phase,rated voltage 380V,rated current
up to 630A.to switch on and off the circuit at a distance.It is also used as unfrequent start,stop and
reversal of AC motor,it is combined into the electromagnetic starter with the thermal relay,combined
with the auxiliary contact block,air delayer&machine-interlocking devices,it becomes the delay
contactor,mechanical interlocking contactor,star-delta starter,the contactor is produced according to
the standard IEC60947-4-1,GB14048.4
CJX2-1201 CJX2-1810
CJX2-2510
CJX2-3210
CJX2-D5011
CJX2-D9511
Main technical parameter
Model
220V 380V 415V 440V 660V 1000V
Number Of
the contacts
Weight
(kg)
25
9
2.2
4
4
4
5.5
3P+NO/3P+NC
0.32
25
12
3
5.5
5.5
5.5
7.5
3P+NO/3P+NC
0.32
32
16
4
7.5
9
9
10
3P+NO
0.35
32
16
4
7.5
9
9
10
3P+NC
0.35
40
25
5.5
11
11
11
15
3P+NO/3P+NC
0.51
50
32
7.5
15
15
15
18.5
3P+NO/3P+NC
0.53
60
40
11
18.5 22
22
30
3P+NO+NC
1.15
80
50
15
22
25
30
33
1.20
80
63
18.5 30
37
37
37
1.25
125
80
22
37
45
45
45
1.50
660V
125
95
25
45
45
45
45
1.55
200
115
30
55
59
59
80
65
3.0
200
150
40
75
80
80
100
65
3.0
275
185
55
90
100
100
110
100
4.1
1000V
275
225
59
110
110
110
129
100
4.2
CJX2-0910/0901
CJX2-1210/1201
CJX2-1610(1810)
CJX2-1601(1801)
CJX2-2510/2501
CJX2-3210/3201
CJX2-4011
CJX2-5011
CJX2-6311(6511)
CJX2-8011
CJX2-9511
CJX2-115
CJX2-150
CJX2-185
CJX2-225
Can be installed
three auxiliary
contact group,
nine pairs of
contact
combinations
Rated
insulation
voltage(V)
Rated
heat
current
Ith(A)
Rated
working
current
380V
AC3(A)
Control Power (kw)
WWW.ELE-B2B.COM


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn