Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



RT6203B Datasheet(HTML) 8 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT6203B Datasheet(HTML) 8 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 8 page
background image
RT6203B
8
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Serial Interface (SDA AND SCL pins)
Note 5
Low Level Input
Voltage
Low-Level
VIL
--
--
0.9
V
High-Level VIH
2.5
--
--
Hysteresis of Schmitt Trigger
Inputs
VHYS
0.16
--
--
V
Low Level SDA Output Voltage
(Open drain, 3mA sink current)
VOL1
--
--
0.4
V
Pulse Width of Spikes
Suppressed by Input Filter
tSP
50
--
--
ns
SCL Clock Frequency
fSCL
--
--
400
kHz
Hold Time (repeated) Start
Condition
tHD;STA
0.6
--
--
μs
Low Period of SCL Clock
tLOW
1.3
--
--
μs
High Period of SCL Clock
tHIGH
0.6
--
--
μs
Set-Up Time for a Repeated Start
Condition
tSU;STA
0.6
--
--
μs
Data Hold Time
tHD;DAT
50
--
900
ns
Data Set-Up Time
tSU;DAT
100
--
--
ns
Rise Time (SDA or SCL)
tR
20 + 0.1Cb
--
300
ns
Fall time (SDA or SCL)
tF
20 + 0.1Cb
--
300
ns
Set-Up Time for STOP Condition tSU;STO
0.6
--
--
μs
Bus Free Time between STOP
and START Condition
tBUF
1.3
--
--
μs
Capacitive Load for Each Bus
Line
Cb
--
--
400
pF
SDA
SCL
tF
tLOW
tHD,STA
tHD,DAT
tHIGH
tSU,DAT
tSU,STA
tHD,STA
tSP
tBUF
tSU,STO
PS
tR
Sr
S
tF
tR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn