Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



RT6203B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT6203B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 10 page
background image
RT6203B
10
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
PGOOD
RT6203B
FB
VIN
10µF
BOOT
1.5µH
100nF
22µF x 2
SW
SS
CSS
VOUT
VIN
16, 17
2
13, 14, 15
9
10k
11, 12,
21 (Exposed Pad)
EN
19
PGND
3
7
Enable
100k
Power Good
10µF
VCC
PVCC
1µF
SCL
SDA
5
6
AGND
A0
A1
VS
CFF
10k
18
1
10
4
8
20
C5
R1
R2
C4
C1
C2
R3
C3
L1
I
2C Control
Address
Selection


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn