Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


RT6203B Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

 11 page
background image
RT6203B
11
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
I
2
C Shutdown Current vs. Input Voltage
50
60
70
80
90
100
110
120
130
140
150
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Input Voltage (V)
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
012
345
Output Current (A)
VOUT = 1.2V, L = 1.5
μH
VIN = 4.5V
VIN = 12V
VIN = 18V
Output Voltage vs. Temperature
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
-50
-25
0
25
50
75
100
125
Temperature (°C)
VOUT = 1.2V, IOUT = 0A
VIN = 18V
VIN = 12V
VIN = 4.5V
Output Voltage vs. Output Current
1.190
1.195
1.200
1.205
1.210
012
345
Output Current (A)
VOUT = 1.2V
VIN = 18V
VIN = 12V
VIN = 4.5V
Choke Valley Current Limit vs. Input Voltage
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
7.00
7.50
8.00
4
6
8
1012
1416
18
Input Voltage (V)
OC = 5A
OC = 7A
OC = 3A
VIN = 12V, VOUT = 1.2V
Output Voltage vs. Input Voltage
1.190
1.195
1.200
1.205
1.210
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Input Voltage (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
IOUT = 3A
IOUT = 4A
IOUT = 5A
VOUT = 1.2V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl