Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



RT6203B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT6203B Datasheet(HTML) 13 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 13 page
background image
RT6203B
13
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (20
μs/Div)
VID Falling
VOUT
(300mV/Div)
VSW
(5V/Div)
VIN = 12V, VID 1.48V to VID 0.72V,
VOUT slew rate = 10mV/1
μs, IOUT = 5A
Time (20
μs/Div)
VID Rising
VOUT
(300mV/Div)
VSW
(5V/Div)
VIN = 12V, VID 0.72V to VID 1.48V,
VOUT slew rate = 10mV/1
μs, IOUT = 5A
Time (5ms/Div)
Power Off from VIN
VOUT
(400mV/Div)
VIN
(10V/Div)
IOUT
(5A/Div)
VSW
(5V/Div)
VIN = 12V, VOUT = 1.2V,
IOUT = 5A
Time (2ms/Div)
Power Off from EN
VOUT
(400mV/Div)
VEN
(3V/Div)
IOUT
(5A/Div)
VSW
(5V/Div)
VIN = 12V, VOUT = 1.2V,
IOUT = 5A
Time (5ms/Div)
Power On from VIN
VOUT
(400mV/Div)
VIN
(10V/Div)
IOUT
(5A/Div)
VSW
(5V/Div)
VIN = 12V, VOUT = 1.2V,
IOUT = 5A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn