Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



MBR140 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

Part No. MBR140
Description  Power Schottky Rectifier - 1Amp 40~200Volt
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRECT [Sirectifier Global Corp.]
Homepage  http://www.sirectsemi.com
Logo 

MBR140 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 1Amp 40~200Volt
Features
-For surface mounted applications
-Low profile package
-Built-in strain relief
-Metal silicon junction, majority carrier conduction
-Low power loss, high efficiency
-High current capability, low forward voltage drop
-High temperature soldering guaranteed
-High reliability
-High surge current capability
-Epitaxial construction
-Lead free device
-ESD sensitive product handling required
Mechanical data
-Case
:Molded plastic
-Epoxy
:UL 94V-0 rate flame retardant
-Terminals
:Solder plated, solderable per MIL-STD-750,method 2026
-Polarity
:Color band denotes cathode end
Maximum ratings and Electrical characteristics
Parameters
MBR140
MBR160
MBR1100
MBR1150
MBR1200
UNIT
Maximum Recurrent Peak Reverse Voltage
40
60
100
150
200
V
Maximum RMS Voltage
28
42
70
105
140
V
Maximum DC Blocking Voltage
40
60
100
150
200
V
Maximum Average Forward Rectified Current
1
A
Peak Forward Surge Current
30
A
Tc = 25ºC
0.50
0.65
0.8
0.85
0.87
Maximum Instantaneous Forward
Voltage at 1A
Tc = 125ºC
0.40
0.50
0.66
0.69
0.72
V
Tc = 25ºC
0.5
0.05
Maximum Average Reverse Current
at Rated DC Blocking Voltage
Tc = 100ºC
20
10
mA
Typical Junction Capacitance
110
pF
Typical Thermal Resistance RθJL
30
ºC/W
Operating and Storage Temperature Range
-50 to +125
-50 to +150
ºC
April 2013 / Rev.6.8
E
L
E
C
T
R
O
N
I
C
MBR140 ~ MBR1200


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn