Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


NS4158 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. NS4158
Description  Breaking sound (NCN) function, software,
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
N
NS
S4
41
15
58
8
5W单声道D类音频功放
OUTPUT POWER vs SUPPLY VOLTAGE
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
RL=4Ω+33uH
f=1kHz
THD+N=10%
OUTPUT POWER vs SUPPLY VOLTAGE
Supply Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
6.0
5.4
4.8
4.2
3.6
3.0
2.4
1.8
1.2
0.6
0
RL=2Ω+33uH
f=1kHz
THD+N=10%
Nsiway
1111




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl