Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NS4158 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # NS4158
Description  Breaking sound (NCN) function, software,
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NS4158 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button NS4158 Datasheet HTML 8Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 9Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 10Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 11Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 12Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 13Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 14Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 15Page - List of Unclassifed Manufacturers NS4158 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
N
NS
S4
41
15
58
8
5W单声道D类音频功放
Nsiway
10 芯片的封装
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.350
1.750
0.053
0.069
A1
0.100
0.250
0.004
0.010
A2
1.350
1.550
0.053
0.061
b
0.330
0.510
0.013
0.020
c
0.170
0.250
0.006
0.010
D
4.700
5.100
0.185
0.200
E
3.800
4.000
0.150
0.157
E1
5.800
6.200
0.228
0.244
e
1.270(BSC)
0.050(BSC)
L
0.400
1.270
0.016
0.050
θ
12 SOP-8 封装尺寸图
声明:深圳市纳芯威科技有限公司保留在任何时间,并且没有通知的情况下修改产品资料和产品规格
的权利,本手册的解释权归深圳市纳芯威科技有限公司所有,并负责最终解释。
1166


Similar Part No. - NS4158

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
logo
Shenzhen Naxinwei Techn...
NS4159 NSIWAY-NS4159 Datasheet
335Kb / 15P
    Class AB/D dual-mode, anti-distortion, 5.5W mono audio amplifier
V1.0
More results

Similar Description - NS4158

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMZ284 YAMAHA-YMZ284 Datasheet
1Mb / 13P
   Software-controlled Sound Generator (SSGL)
logo
Shenzhen Huazhimei Semi...
HM8876 HMSEMI-HM8876 Datasheet
490Kb / 9P
   Single channel anti-breaking sound class F power amplifier
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
logo
Shenzhen Huazhimei Semi...
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
   10W anti-breaking sound mono Class D audio power amplifier
logo
Epson Company
S1V30080 EPSON-S1V30080 Datasheet
259Kb / 2P
   Melody/Buzzer/Tone sound synthesizer function
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
   Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
   Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
   High breaking capacity
logo
TEKTRONIX, INC.
DATAVU-PC TEKTRONIX-DATAVU-PC Datasheet
679Kb / 8P
   Software
logo
Bel Fuse Inc.
0678H BEL-0678H Datasheet
1Mb / 4P
   ENHANCED-BREAKING CAPABILITY BRICK FUSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com