Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TM022HDH26 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part No. TM022HDH26
Description  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 15 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 15 of 23
6 Optical Characteristics
Ta=25℃
Item
Symbol Condition
Min
Typ
Max
Unit
Remark
View Angles
θT
CR 10
60
70
-
Degree Note 2
θB
50
60
-
θL
60
70
-
θR
60
70
-
Contrast Ratio
CR
θ=0°
400
500
-
Note1
Note3
Response Time
TON
25℃
-
20
30
ms
Note1
Note4
TOFF
Chromaticity
White
x
Backlight is
on
0.245
0.295
0.345
Note5
Note1
y
0.274
0.324
0.374
Red
x
0.556
0.606
0.656
y
0.277
0.327
0.377
Green
x
0.294
0.344
0.394
y
0.484
0.534
0.584
Blue
x
0.096
0.146
0.196
y
0.056
0.106
0.156
Uniformity
U
--
80
--
%
Note1
Note6
NTSC
--
50
--
%
Note 5
Luminance
L
200
240
--
cd/m2
Note1
Note7
Test Conditions:
1. VF =3.2V, IL=20mA (Backlight current), the ambient temperature is 25℃.
2. The test systems refer to Note 1 and Note 2.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl