Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM022HDH26 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # TM022HDH26
Description  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TM022HDH26 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button TM022HDH26 Datasheet HTML 15Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 16Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 17Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 18Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 19Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 20Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 21Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 22Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 23 of 23
10 Precautions For Use of LCD Modules
10.5 Handling Precautions.
10.5.1 The display panel is made of glass. Do not subject it to a mechanical shock by dropping it
from a high place, etc.
10.5.2 If the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not
to get any in your mouth, if the substance comes into contact with your skin or clothes,
promptly wash it off using soap and water.
10.5.3 Do not apply excessive force to the display surface or the adjoining areas since this may
cause the color tone to vary.
10.5.4 The polarizer covering the display surface of the LCD module is soft and easily scratched.
Handle this polarizer carefully.
10.5.5 If the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry
cloth. If still not completely clear, moisten cloth with one of the following solvents:
Isopropyl alcohol
Ethyl alcohol
Solvents other than those mentioned above may damage the polarizer. Especially, do not use
the following:
Water
Ketone
Aromatic solvents
10.5.6 Do not attempt to disassemble the LCD Module.
10.5.7 If the logic circuit power is off, do not apply the input signals.
10.5.8 To prevent destruction of the elements by static electricity, be careful to maintain an optimum
work environment.
10.5.8.1 Be sure to ground the body when handling the LCD Modules.
10.5.8.2 Tools required for assembly, such as soldering irons, must be properly ground.
10.5.8.3 To reduce the amount of static electricity generated, do not conduct assembly and other
work under dry conditions.
10.5.8.4 The LCD Module is coated with a film to protect the display surface. Be care when peeling
off this protective film since static electricity may be generated.
10.6 Storage precautions
10.6.1 When storing the LCD modules, avoid exposure to direct sunlight or to the light of fluorescent
lamps.
10.6.2 The LCD modules should be stored under the storage temperature range. If the LCD modules
will be stored for a long time, the recommend condition is:
Temperature : 0℃ ~ 40℃
Relatively humidity: ≤80%
10.6.3 The LCD modules should be stored in the room without acid, alkali and harmful gas.
10.7 Transportation Precautions:
The LCD modules should be no falling and violent shocking during transportation, and also
should avoid excessive press, water, damp and sunshine.


Similar Part No. - TM022HDH26

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
TM022HDHT11 GSR-TM022HDHT11 Datasheet
321Kb / 2P
   TFT Modules
More results

Similar Description - TM022HDH26

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com