Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



TM022HDH26 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

Part No. TM022HDH26
Description  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TM022HDH26 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 4 of 23
1 General Specifications
Feature
Spec
Display Spec.
Size
2.2 inch
Resolution
240(RGB) x 320
Interface
4-Wire SPI
Color Depth
262K/65K
Technology Type
a-Si
Pixel Pitch (mm)
0.141X0.141
Pixel Configuration
R.G.B. Vertical Stripe
Display Mode
TM with Normally White
Surface Treatment(Up Polarizer)
Clear Type(3H)
Viewing Direction
6 o’clock
Gray Scale Inversion Direction
12 o’clock
Mechanical
Characteristics
LCM (W x H x D) (mm)
40.10x55.20x2.35
Active Area(mm)
33.84x45.12
With/Without TSP
Without TSP
Weight (g)
TBD
LED Numbers
4 LEDs
Electronic
Driver IC
ILI9340C
Note 1: Viewing direction for best image quality is different from TFT definition, there is a 180
degree shift.
Note 2: Requirements on Environmental Protection: Q/S0002
Note 3: LCM weight tolerance: +/- 5%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn