Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


TM022HDH26 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. TM022HDH26
Description  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 5 of 23
2 Input/Output Terminals
2.1
TFT LCD Panel
No
Symbol
I/O
Description
Comment
1
GND
P
Power Ground
2
RESET
I
Reset Signal
3
SCL
I
Serial interface clock in 4-wire 8-bit serial data
interface
4
D/CX
I
Command or parameter select in 4-wire 8-bit
serial data interface
5
CS
I
Chip select signal
6
SDI
I
Serial input signal
7
SDO
O
Serial output signal
8
GND
P
Power Ground
9
VCC
P
Power Supply of Analog/Logic Circuit
10
LEDA
P
LED anode
11
LEDK1
P
LED cathode
12
LEDK2
P
LED cathode
13
LEDK3
P
LED cathode
14
LEDK4
P
LED cathode
Note1: I/O definition:
I-----Input O---Output
P----Power/Ground NC--- Not connected




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl