Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TM1628 Datasheet(PDF) 11 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part No. TM1628
Description  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Homepage  http://www.titanmec.com/index.php/en/
Logo 

 
 11 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
ABSOLUTE
ABSOLUTE
ABSOLUTE
ABSOLUTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS
(Unless otherwise stated, Ta=25oC, GND=0V)
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED OPERATING
OPERATING
OPERATING
OPERATING RANGE
RANGE
RANGE
RANGE
(Unless otherwise stated, Ta=-20 to +70oC, GND=0V)
Note: Test Condition: Set Display Control Commands = 80H (Display Turn OFF State &
under no load)
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
(Unless otherwise stated, VDD=5V, GND=0V, Ta=25oC)
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
11
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
High-Level
Output
Current
IOHSG1
Vo=VDD-2V
SG1 to SG11,
SG12 / GR7
-20
-25
-40
mA
IOHSG2
Vo=VDD-3V
SG1 to SG11,
SG12/GR7
- 25
-30
-50
mA
Low-Level
Output
Current
IOLGR
Vo=0.3V
GR1 to GR6,
SG12/GR7
1 0 0
1 4 0
-
mA
Low-Level
Output
Current
IOLDOUT
V o = 0.4V
4
-
-
mA
Segment
High-Level
Output
Current
Tolerance
ITOLSG
Vo=VDD-3V
SG1 to SG11,
SG12/GR7
-
- + 5
-
%
High-Level
Input
Voltage
VIH
-
0.8VDD
-
5
V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Logic Supply
Voltage
VDD
4.5
5
5.5
V
Dynamic Current
(
see Note )
IDDdyn
-
-
5
MA
High-Level Input
Voltage
VI H
0.8 VDD
-
VDD
V
Low-Level Input
Voltage
VI L
0
-
0.3VDD
V
Parameter
Symbol
Ratings
Unit
Supply Voltage
VD D
-0.5 to +7
Volts
Logic Input Voltage
VI
-0.5 to VD D + 0.5
Volts
Driver Output Current
IOLGR
+250
mA
IOHSG
-50
mA
Maximum Driver Output
Current / Total
ITOTAL
400
mA




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl