Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TM1628 Datasheet(PDF) 12 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part No. TM1628
Description  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Homepage  http://www.titanmec.com/index.php/en/
Logo 

 
 12 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
APPLICATION
APPLICATION
APPLICATION
APPLICATION CIRCU
CIRCU
CIRCU
CIRCUIIIIT
T
T
T
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
12
Low-Level
Input
Voltage
VIL
-
0
-
0.3VDD
V
Oscillation
Frequency
fosc
350
500
650
kHz
K1 to K2
Pull Down
Resistor
RKN
K1 to K2
VDD=5V
2
-
15
kohm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl