Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



DB101S Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. DB101S
Description  SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo 

DB101S Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 page
background image
Features
· Glass Passivated Die Construction
· Low leakage
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-O
Mechanical Data
· Case:Reliable low cost construction
utilizing molded plastic technique
· Terminals:Plated Leads Solderable per
MIL-STD-202,Method208
· Polarity:As Marked on Case
· Mounting Position:Any
· Marking:Type Number
Maximum Ratings and Electrical Characteristics @TA=25℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average forward output rectified
current @TA=40℃
I(AV)
1
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
35
A
Maximum instantaneous forward voltage drop
per diode @1.0A
VF
1.1
V
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
uA
Typical thermal resistance per leg (Note1)
RθJA
40
℃/W
RθJL
15
Operating junction temperature range
TJ
-55 to +150
storage temperature range
Tstg
-55 to +150
Note:
1.Mounted on glass epoxy PC board with 1.3mm² solder pad.
2.Mounted on aluminum substrate PC board with 1.3mm² solder pad.
3.Measured at 1.0MHz and applied reverse of 4.0V D.C.
A
DB101S-DB107S
SURFACE MOUNT BRIDGE RECTIFIERS
DB-S
· Glass Passivated Die Construction
· Low leakage
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-O
· Case:Reliable low cost construction
utilizing molded plastic technique
· Terminals:Plated Leads Solderable per
MIL-STD-202,Method208
· Polarity:As Marked on Case
· Mounting Position:Any
· Marking:Type Number
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average forward output rectified
current @TA=40℃
I(AV)
1
Peak forward surge current 8.3ms single
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
A
Maximum instantaneous forward voltage drop
per diode @1.0A
VF
1.1
V
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
IR
5.0
500
uA
Typical thermal resistance per leg (Note1)
RθJA
40
℃/W
RθJL
15
Operating junction temperature range
TJ
-55 to +150
storage temperature range
Tstg
-55 to +150
Note:
1.Mounted on glass epoxy PC board with 1.3mm² solder pad.
2.Mounted on aluminum substrate PC board with 1.3mm² solder pad.
3.Measured at 1.0MHz and applied reverse of 4.0V D.C.
A
@TA=25℃ unless otherwise specified
· UL Recognized File E476623
UL Recognized File E476623
·
35
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn