Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


GBU25005 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part No. GBU25005
Description  BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Homepage  http://www.trr-jx.com
Logo 

   
 1 page
background image
@IF=12.5A
Forward Voltage per element
25.0
300
RRM
Average Rectified Output Current (Note 1)@T =40
Typical Thermal Resistance per leg (Note 2)
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2.8
23
95
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJA
RθJL
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
Typical Junction Capacitance per leg
pF
℃/W
IR
5.0
500
A
V
IFSM
UNITS
V
V
IO
A
1000
100
200
400
600
800
50
TYPE NUMBER
GBU
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
A
A
CJ
1.1
MECHANICAL DATA
Case: Molded plastic, GBU
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.15ounce, 4.0gram
FEATURES
· Glass passivated chip junction
GBU
· Reliable low cost construction utilizing molded
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
Dimensions in millimeters
DimMin
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
4.2 X 45°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
F
2.05
2.3
· UL Recognized File # E469616
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
BRIDGE RECTIFIERS
GBU25005 THRU GBU2510
http://www.trr-jx.com
version: 02
25005 2501
2502 2504
2506
2508
2510
GBU
GBU
GBU
GBU
GBU
GBU




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl