Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



A1667 Datasheet(HTML) 6 Page - Allegro MicroSystems

Part No. A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A1667 Datasheet(HTML) 6 Page - Allegro MicroSystems

Zoom Inzoom in Zoom Outzoom out
 6 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
6
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100 120 140 160 180
Temperature (°C)
Power Dissipation versus Ambient Temperature
Package L, 1-layer PCB
(RθJA = 140°C/W)
Package K, 1-layer PCB
(RθJA = 177°C/W)
Package L, 4-layer PCB
(RθJA = 80°C/W)
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
20
40
60
80
100
120
180
140
160
Temperature (ºC)
Power Derating Curve
(RθJA = 140ºC/W)
Package L, 1-layer PCB
(RθJA = 177ºC/W)
Package K, 1-layer PCB
(RθJA = 80ºC/W)
Package L, 4-layer PCB
VCC(min)
VCC(max)
THERMAL CHARACTERISTICS: May require derating at maximum conditions; see application information
Characteristic
Symbol
Test Conditions*
Value
Units
Package Thermal Resistance
RθJA
Package K, 1-layer PCB with copper limited to solder pads
177
°C/W
Package L, 1-layer PCB with copper limited to solder pads
140
°C/W
Package L, 4-layer PCB based on JEDEC standard
80
°C/W
*Additional thermal data available on the Allegro Website.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn