Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1667 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A1667
Description  True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1667 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A1667 Datasheet HTML 7Page - Allegro MicroSystems A1667 Datasheet HTML 8Page - Allegro MicroSystems A1667 Datasheet HTML 9Page - Allegro MicroSystems A1667 Datasheet HTML 10Page - Allegro MicroSystems A1667 Datasheet HTML 11Page - Allegro MicroSystems A1667 Datasheet HTML 12Page - Allegro MicroSystems A1667 Datasheet HTML 13Page - Allegro MicroSystems A1667 Datasheet HTML 14Page - Allegro MicroSystems A1667 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
True Zero-Speed, High Accuracy, Ring Magnet Sensor IC
A1667
12
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
POWER DERATING
The device must be operated below the maximum junction
temperature of the device, TJ(max).Undercertaincombinationsof
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro website.)
ThePackageThermalResistance,RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air.
ItsprimarycomponentistheEffectiveThermalConductivity,K,
of the printed circuit board, including adjacent devices and traces.
Radiation from the die through the device case, RθJC, is relatively
small component of RθJA. Ambient air temperature, TA, and air
motion are significant external factors, damped by overmolding.
Theeffectofvaryingpowerlevels(PowerDissipation,PD), can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ,atPD.
PD = VIN
× IIN
(1)
T = PD
× RθJA
(2)
TJ = TA + ΔT
(3)
Forexample,givencommonconditionssuchas:TA= 25°C,
VCC = 12V, ICC = 7.5 mA, and RθJA =177°C/W,then:
PD = VCC
× ICC = 12 V × 7.5 mA = 90 mW
T = PD
× RθJA = 90 mW × 177°C/W = 11.3°C
TJ = TA + ∆T = 25°C + 11.3°C = 36.3°C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example
:ReliabilityforVCC at TA=150°C,packageK,usinga
single-layerPCB.
Observetheworst-caseratingsforthedevice,specifically:
RθJA=177°C/W,TJ(max)=165°C,VCC(max) =24 V,and
ICC(max) = 12 mA.
Calculate the maximum allowable power level, PD(max).First,
invert equation 3:
Tmax = TJ(max) – TA = 165°C–150°C=15°C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, invert equation 2:
PD(max) = ∆Tmax÷RθJA =15°C÷177°C/W=84.7 mW
Finally,invertequation1withrespecttovoltage:
 VCC(est)=PD(max) ÷ ICC(max)=119mW÷12 mA=7.1V
The result indicates that, at TA, the application and device can
dissipateadequateamountsofheatatvoltages≤VCC(est).
CompareVCC(est)toVCC(max).IfVCC(est)≤VCC(max), then reli-
ableoperationbetweenVCC(est)andVCC(max) requires enhanced
RθJA.IfVCC(est)≥VCC(max),thenoperationbetweenVCC(est) and
VCC(max) is reliable under these conditions.


Similar Part No. - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
A16601PUCF ALLEGRO-A16601PUCF Datasheet
740Kb / 13P
   AC-Coupled Differential Crankshaft Speed Sensor IC
logo
Hitachi Semiconductor
A16631 HITACHI-A16631 Datasheet
700Kb / 20P
   Read Amplifier
logo
KEC(Korea Electronics)
A16631 KEC-A16631 Datasheet
312Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Savantic, Inc.
A1668 SAVANTIC-A1668 Datasheet
244Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - A1667

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
A1688 ALLEGRO-A1688 Datasheet
584Kb / 10P
   Two-Wire, True Zero-Speed, High Accuracy Sensor IC
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
   True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
   True Zero-Speed High-Accuracy Gear Tooth Sensor IC
ATS627LSG ALLEGRO-ATS627LSG Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS627 ALLEGRO-ATS627 Datasheet
504Kb / 22P
   True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
ATS665LSG ALLEGRO-ATS665LSG Datasheet
559Kb / 18P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
ATS665LSG ALLEGRO-ATS665LSG_05 Datasheet
791Kb / 17P
   True Zero Speed, High Accuracy, Gear Tooth Sensor
19Dec05
ATS625LSG ALLEGRO-ATS625LSG Datasheet
538Kb / 21P
   True Zero-Speed Low-Jitter High Accuracy Gear Tooth Sensor
A1698 ALLEGRO-A1698 Datasheet
573Kb / 13P
   Two-Wire, True Zero-Speed, High Accuracy
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com