Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


B647 Datasheet(PDF) 2 Page - Shenzhen Jingdao Electronic Co.,Ltd

Part No. B647
Description  PNP Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JINGDAO [Shenzhen Jingdao Electronic Co.,Ltd]
Homepage  http://www.jdsemi.cn/en/
Logo 

   
 2 page
background image
2/3
0
0.4
0.8
1.2
1.6
2.0
1
2
3
4
5
Ib=0
2mA
4mA
6mA
8mA
10mA
2
1
0.1
0.01
10
100
200
500
300
400
0
0.1
Vce=5V
0.1
1
2
3
Ic=2Ib
20
10
5
0
40
80
120
160
200
0..1
1
10
0.01
0.1
1
10
3
3
1
2
0.01
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
深圳市晶导电子有限公司
Shenzhen Jingdao Electronic Co.,Ltd.
FAX
0755-29799515
TEL
0755-29799516
Http://www.jdsemi.cn
Jingdao Electronic Corporation V01
B647
100
Static chatacteristic
Collector-Emiter voltage
DC CurrentGain-Collector current
Power Derating
Collector-Emitter saturation -Collector current
Collector current
Safe Operating Area
Collector current
Junction Temperature
Collector-Emitter Voltage




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl