Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


K-LC5_V3 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part No. K-LC5_V3
Description  RADAR TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

   
 1 page
background image
K-LC5_V3 RADAR TRANSCEIVER
Datasheet
Features
3.3V Version of K-LC5
24 GHz short range transceiver
Beam aperture 80°/34°
Pin-compatible with K-LC2
150 MHz typical sweep rate
High sensitive LNA receiver
More than double K-LC2 sensitivity
I/Q IF outputs
Low cost design
Compact size: 25mm x 25mm x 6mm
Applications
Security systems
Directional object speed measurement systems
Directional movement detectors
Ranging of moving objects
Industrial sensors
Description
K-LC5_V3 is an extended range dual channel
Doppler Radar module with an asymmetrical
beam for short distance sensors. It is ideally
suited for person movement sensors.
Dual IF I and Q allow movement direction
detection
and
high
performance
signal
processing. FM input allows FSK ranging
applications.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
Powerful starterkits with signal conditioning
and visualization are also available. (see
www.rfbeam.ch Download Section)
Blockdiagram
Fig. 1: K-LC5_V3 Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/5
Tx
Rx
I
Q
LNA
VCO 24 GHz
FM Input




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl