Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


K-LC7 Datasheet(PDF) 6 Page - RFbeam Microwave GmbH

Part No. K-LC7
Description  radar transciever
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

   
 6 page
background image
Ā© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC7 | data sheet
12/2018 - Revision C | Page 6/7
OUTLINE DIMENSIONS
38
28.8
A
0.7
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
D 1.4
A (4:1)
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
38
B
0.74
0.64
B (4:1)
D
C
B
6
5
4
3
2
1
2
1
4
3
5
B
A
C
7
8
E
F
7
6
E
D
Plotdate 12.02.2018
10
9
11
12
8
9
10
11
H
G
F
G
A
Drawing Nr.
A2
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Schuppisstrasse 7
9016 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY
Figure 6: Outline dimensions K-LC7 (SMD-Type)
Figure 7: Outline dimensions K-LC7 (THT-Type)
Figure 8: Footprint recommendation for SMD-Type
Top view
Pads: Round d = 2 mm
All dimensions in (mm)
38
28.8
A
0.7
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
D 1.4
A (4:1)
X1 Pin1
(3x2.54)
X2 Pin1
(6x2.54)
38
B
0.74
0.64
B (4:1)
D
C
B
6
5
4
3
2
1
2
1
4
3
5
B
A
C
7
8
E
F
7
6
E
D
Plotdate 12.02.2018
10
9
11
12
8
9
10
11
H
G
F
G
A
Drawing Nr.
A2
1 / 1
Blatt / Anz.
Project
Scale
2:1
Material
Tolerance
Format
Prepared
Reviewed
Object
Surface
RFbeam Microwave
Schuppisstrasse 7
9016 St. Gallen
Switzerland
State
Index
XX
YY
XX
YY




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl